PART |
Description |
Maker |
AQZ202V AQZ204V AQZ205V AQZ207V |
Power photoMOS relay with internal varistor. AC/DC type. Output rating: load voltage 60 V AC, 85 V DC, load current 1.0 A. Power photoMOS relay with internal varistor. AC/DC type. Output rating: load voltage 30 V AC, 38 V DC, load current 2.0 A. Power photoMOS relay with internal varistor. AC/DC type. Output rating: load voltage 140 V AC, 180 V DC, load current 0.5 A. Power photoMOS relay with internal varistor. AC/DC type. Output rating: load voltage 17 V AC, 22 V DC, load current 3.0 A. POWER PhotoMOS RELAYS with Internal Varistor 功率PhotoMOS继电器的内部电阻
|
Matsushita Electric Works(Nais) Nais(Matsushita Electric Works) Nais(Matsushita Electric Wo...
|
AQZ102 AQZ104 AQZ105 AQZ202 AQZ204 AQZ205 AQZ207 |
Power photoMOS relay, 1-channel (form A). DC type. Output rating: load voltage 60 V, load current 4.0 A. Power photoMOS relay, 1-channel (form A). DC type. Output rating: load voltage 400 V, load current 0.7 A. Power photoMOS relay, 1-channel (form A). DC type. Output rating: load voltage 100 V, load current 2.6 A. Power photoMOS relay, 1-channel (form A). Output rating: load voltage 60 V, load current 3.0 A. Power photoMOS relay, 1-channel (form A). AC/DC type. Output rating: load voltage 400 V, load current 0.5 A. Power photoMOS relay, 1-channel (form A). AC/DC type. Output rating: load voltage 100 V, load current 2.0 A. Power photoMOS relay, 1-channel (form A). AC/DC type. Output rating: load voltage 200 V, load current 1.0 A.
|
Matsushita Electric Works(Nais)
|
AQV21 AQV10 AQS22 AQY21 AQY41 APV11 AQW65 AQW61EH |
PhotoMOS Relay Dimensions PhotoMOS Relay Dimensions
|
Panasonic Semiconductor List of Unclassifed Manufacturers List of Unclassifed Manufac... List of Unclassifed Man...
|
AQV217AZ AQV210 AQV210A AQV210AX AQV210AZ AQV212 A |
PhotoMOS relay, GU (general use) type, 1-channel (form A ) type. I/O isolation: standard 1,500 VAC. Output rating: load voltage 600V, load current 50 mA. Tape and reel packing style, picked from the 4/5/6-pin side. PhotoMOS relay, GU (general use) type, 1-channel (form A ) type. I/O isolation: reinforced 5,000 VAC. Output rating: load voltage 400V, load current 120 mA. Tape and reel packing style, picked from the 1/2/3-pin side. PhotoMOS relay, GU (general use) type, 1-channel (form A ) type. I/O isolation: standard 1,500 VAC. Output rating: load voltage 100V, load current 320 mA. Tape and reel packing style, picked from the 1/2/3-pin side. PhotoMOS relay, GU (general use) type, 1-channel (form A ) type. I/O isolation: standard 1,500 VAC. Output rating: load voltage 60V, load current 400 mA. Tape and reel packing style, picked from the 4/5/6-pin side. PhotoMOS relay, GU (general use) type, 1-channel (form A ) type. I/O isolation: standard 1,500 VAC. Output rating: load voltage 60V, load current 400 mA. Tape and reel packing style, picked from the 1/2/3-pin side. PhotoMOS relay, GU (general use) type, 1-channel (form A ) type. I/O isolation: standard 1,500 VAC. Output rating: load voltage 60V, load current 400 mA. Tube packing style. PhotoMOS relay, GU (general use) type, 1-channel (form A ) type. I/O isolation: standard 1,500 VAC. Output rating: load voltage 350V, load current 130 mA. Tape and reel packing style, picked from the 4/5/6-pin side. PhotoMOS relay, GU (general use) type, 1-channel (form A ) type. I/O isolation: standard 1,500 VAC. Output rating: load voltage 350V, load current 130 mA. Tape and reel packing style, picked from the 1/2/3-pin side. GU (General Use) Type [1-Channel (Form A) Type] PhotoMOS relay, GU (general use) type, 1-channel (form A ) type. I/O isolation: reinforced 5,000 VAC. Output rating: load voltage 400V, load current 120 mA. Tube packing style. PhotoMOS relay, GU (general use) type, 1-channel (form A ) type. I/O isolation: reinforced 5,000 VAC. Output rating: load voltage 400V, load current 120 mA. Tape and reel packing style, picked from the 4/5/6-pin side.
|
Matsushita Electric Works(Nais) NAIS[Nais(Matsushita Electric Works)]
|
AQV234AX AQV234AZ AQV234 AQV234A |
PhotoMOS relay, HS (high sensitivity) type [1-channel (form A) type]. Output rating: load voltage 400 V, load current 120 mA. Surface-mount terminal. Tube packing style. PhotoMOS relay, HS (high sensitivity) type [1-channel (form A) type]. Output rating: load voltage 400 V, load current 120 mA. Surface-mount terminal. Tape and reel packing style, picked from the 4/5/6-pin side. PhotoMOS relay, HS (high sensitivity) type [1-channel (form A) type]. Output rating: load voltage 400 V, load current 120 mA. Surface-mount terminal. Tape and reel packing style, picked from the 1/2/3-pin side.. PhotoMOS relay, HS (high sensitivity) type [1-channel (form A) type]. Output rating: load voltage 400 V, load current 120 mA. Through hole terminal. Tupe packing style.
|
Matsushita Electric Works(Nais) NAIS[Nais(Matsushita Electric Works)]
|
AQV210HLA AQV210HLAX AQV210HLAZ |
PhotoMOS relay, GU (general use) type, 1-channel (form A ), current limit function. Output rating: load voltage 350V, load current 130 mA. Tube packing style. PhotoMOS relay, GU (general use) type, 1-channel (form A ), current limit function. Output rating: load voltage 350V, load current 130 mA. Tape and reel packing style, picked from the 1/2/3-pin side. PhotoMOS relay, GU (general use) type, 1-channel (form A ), current limit function. Output rating: load voltage 350V, load current 130 mA. Tape and reel packing style, picked from the 4/5/6-pin side.
|
Matsushita Electric Works(Nais)
|
AQW210HLAX AQW210HLAZ AQW210HL AQW210HLA |
PhotoMOS relay, GU (general use) type, 2-ch (form A) current limit function type. AC/DC type. I/O isolation: 5,000 VAC. Output rating: load voltage 350 V, load current 120 mA. Surface-mount. Tape and reel packing style. Picked from the 4/5 PhotoMOS relay, GU (general use) type, 2-ch (form A) current limit function type. AC/DC type. I/O isolation: 5,000 VAC. Output rating: load voltage 350 V, load current 120 mA. Surface-mount. Tube packing style. PhotoMOS relay, GU (general use) type, 2-ch (form A) current limit function type. AC/DC type. I/O isolation: 5,000 VAC. Output rating: load voltage 350 V, load current 120 mA. Surface-mount. Tape and reel packing style. Picked from the 1/2 PhotoMOS relay, GU (general use) type, 2-ch (form A) current limit function type. AC/DC type. I/O isolation: 5,000 VAC. Output rating: load voltage 350 V, load current 120 mA. Trough hole terminal. Tube packing style. GU (General Use) Type 2-Channel (Form A) Current Limit Function Type
|
Matsushita Electric Works(Nais) NAIS[Nais(Matsushita Electric Works)]
|
AQV414SX |
PhotoMOS relay, GU (general use) type [1-channel (form B) type]. AC/DC type. Output rating: load voltage 400 V, load current 100 mA. Picked from the 1/2/3-pin side
|
Matsushita Electric Works(Nais)
|
AQV414AX |
PhotoMOS relay, GU (general use) type [1-channel (form B) type]. AC/DC type. I/O isolation: 1.500 V AC. Output rating: load voltage 400 V, load current 120 mA. Surface-mount terminal, tape and reel packing style, picked from the 1/2/3-pin
|
Matsushita Electric Works(Nais)
|
RIF-3-RPT-LV-230AC |
Pre-assembled relay module with push-in connection, consisting of: relay base, power contact relay, plug-in display/suppressor module, and retaining bracket.
|
PHOENIX CONTACT
|
3SCV5012H1 3SCV5534D1 3SCV5012A1 3SCV5012B1 3SCV50 |
Long-life Haif-size Industrial Relay POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.03A (COIL), 35VDC (COIL), 1050mW (COIL), PANEL MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.06A (COIL), 20VDC (COIL), 1200mW (COIL), PANEL MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.1A (COIL), 12VDC (COIL), 1200mW (COIL), PANEL MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.04A (COIL), 30VDC (COIL), 1200mW (COIL), PCB MOUNT-STRAIGHT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.05A (COIL), 23VDC (COIL), 1150mW (COIL), PANEL MOUNT
|
Tyco Electronics
|
PVO402 PVO402P |
POWER MOSFET PHOTOVOLTAIC RELAY Microelectronic Power IC Relay Dual Pole/ Normally Open Ring Detector 0-400V/ 120mA AC/DC
|
International Rectifier
|
|